Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 21 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 21 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 17Page - ABLIC Inc. S24CS0 Datasheet HTML 18Page - ABLIC Inc. S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. S24CS0 Datasheet HTML 21Page - ABLIC Inc. S24CS0 Datasheet HTML 22Page - ABLIC Inc. S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
21
3. Matching phases while S-24CS01A/02A/04A is accessed
The S-24CS01A/02A/04A does not have a pin for resetting (the internal circuit), therefore, the S-24CS01A/02A/04A
cannot be forcibly reset externally. If a communication interruption occurs in the S-24CS01A/02A/04A, it must be reset
by software.
For example, even if a reset signal is input to the microprocessor, the internal circuit of the S-24CS01A/02A/04A is not
reset as long as the stop condition is not input to the S-24CS01A/02A/04A. In other words, the S-24CS01A/02A/04A
retains the same status and cannot shift to the next operation. This symptom applies to the case when only the
microprocessor is reset when the power supply voltage drops. With this status, if the power supply voltage is restored,
reset the S-24CS01A/02A/04A (after matching the phase with the microprocessor) and input an instruction. The
following shows this reset method.
[How to reset S-24CS01A/02A/04A]
The S-24CS01A/02A/04A can be reset by the start and stop instructions. When the S-24CS01A/02A/04A is
reading data “0” or is outputting the acknowledge signal, 0 is output to the SDA line. In this status, the
microprocessor cannot output an instruction to the SDA line. In this case, terminate the acknowledge output
operation or read operation, and then input a start instruction. Figure 25 shows this procedure.
First, input the start condition. Then transmit 9 clocks (dummy clocks) of SCL. During this time, the microprocessor
sets the SDA line to high level. By this operation, the S-24CS01A/02A/04A interrupts the acknowledge output
operation or data output, so input the start condition
*1. When a start condition is input, the S-24CS01A/02A/04A is
reset. To make doubly sure, input the stop condition to the S-24CS01A/02A/04A. Normal operation is then
possible.
1
2
8
9
SCL
SDA
Start
condition
Stop
condition
Start
condition
Dummy clock
Figure 25 Resetting S-24CS01A/02A/04A
*1.
After 9 clocks (dummy clocks), if the SCL clock continues to be output without a start condition being input, a
write operation may be started upon receipt of a stop condition. To prevent this, input a start condition after 9
clocks (dummy clocks).
Remark
It is recommended to perform the above reset using dummy clocks when the system is initialized after
the power supply voltage has been raised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com