Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 14 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 14 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 10Page - ABLIC Inc. S24CS0 Datasheet HTML 11Page - ABLIC Inc. S24CS0 Datasheet HTML 12Page - ABLIC Inc. S24CS0 Datasheet HTML 13Page - ABLIC Inc. S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. S24CS0 Datasheet HTML 16Page - ABLIC Inc. S24CS0 Datasheet HTML 17Page - ABLIC Inc. S24CS0 Datasheet HTML 18Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
14
6. 3 Write protect
Write protect is available in the S-24CS01A/02A/04A. When the WP pin is connected to the VCC, write operation to
memory area is forbidden at all.
When the WP pin is connected to the GND, the write protect is invalid, and write operation in all memory area is
available.
Fix the level of the WP pin from the rising edge of SCL for loading the last write data (D0) until the end of the write
time (10 ms max.). If the WP pin changes during this time, the address data being written at this time is not
guaranteed.
There is no need for using write protect, the WP pin should be connected to the GND. The write protect is valid in the
operating voltage range.
SDA
WP
SCL
Acknowledge
WP Pin Fixed Period
Stop
Condition
Start
Condition
Write Data
tWR
D0
Figure 14 WP Pin Fixed Period
6. 4 Acknowledge polling
Acknowledge polling is used to know the completion of the write cycle in the S-24CS01A/02A/04A.
After the S-24CS01A/02A/04A receives a stop condition and once starts the write cycle, all operations are forbidden
and no response is made to the signal transmitted by the master device.
Accordingly the master device can recognize the completion of the write cycle in the S-24CS01A/02A/04A by
detecting a response from the slave device after transmitting the start condition, the device address and the read/write
instruction code to the S-24CS01A/02A/04A, namely to the slave devices.
That is, if the S-24CS01A/02A/04A does not generate an acknowledge, the write cycle is in progress and if the
S-24CS01A/02A/04A generates an acknowledge, the write cycle has been completed.
Keep the level of the WP pin fixed until acknowledge is confirmed.
It is recommended to use the read instruction "1" as the read/write instruction code transmitted by the master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com