Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 25 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 25 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 21Page - ABLIC Inc. S24CS0 Datasheet HTML 22Page - ABLIC Inc. S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. S24CS0 Datasheet HTML 26Page - ABLIC Inc. S24CS0 Datasheet HTML 27Page - ABLIC Inc. S24CS0 Datasheet HTML 28Page - ABLIC Inc. S24CS0 Datasheet HTML 29Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
25
6. Data hold time (tHD.DAT = 0 ns)
If SCL and SDA of the S-24CS01A/02A/04A are changed at the same time, it is necessary to prevent the start/stop
condition from being mistakenly recognized due to the effect of noise. If a start/stop condition is mistakenly recognized
during communication, the S-24CS01A/02A/04A enters the standby status.
It is recommended that SDA is delayed from the falling edge of SCL by 0.3
μs minimum in the S-24CS01A/02A/04A.
This is to prevent time lag caused by the load of the bus line from generating the stop (or start) condition.
SCL
SDA
tHD.DAT = 0.3
μs Min.
Figure 29 S-24CS01A/02A/04A Data Hold Time
7. SDA pin and SCL pin noise suppression time
The S-24CS01A/02A/04A includes a built-in low-pass filter to suppress noise at the SDA and SCL pins. This means
that if the power supply voltage is 5.0 V, noise with a pulse width of 160 ns or less can be suppressed.
The guaranteed for details, refer to noise suppression time (tI) in Table 12.
Noise suppression time (tI) Max.
[ns]
200
100
300
2
3
4
5
Power supply voltage (VCC)
[V]
Figure 30 Noise Suppression Time for SDA and SCL Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com