Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 11 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 11 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. S24CS0 Datasheet HTML 10Page - ABLIC Inc. S24CS0 Datasheet HTML 11Page - ABLIC Inc. S24CS0 Datasheet HTML 12Page - ABLIC Inc. S24CS0 Datasheet HTML 13Page - ABLIC Inc. S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
11
5. Device addressing
To start communication, the master device on the system generates a start condition to the bus line. Next, the master
device sends 7-bit device address and a 1-bit read / write instruction code on to the SDA bus.
The 4 most significant bits of the device address are called the "Device Code", and are fixed to "1010".
In S-24CS01A/02A, successive 3 bits are called the “Slave Address”. These 3 bits are used to identify a device on the
system bus and are compared with the predetermined value which is defined by the address input pins (A0, A1 and
A2). When the comparison result matches, the slave device responds with an acknowledge during the 9th clock cycle.
In S-24CS04A, successive 2 bits are called the "Slave Address". These 2 bits are used to identify a device on the
system bus and are compared with the predetermined value which is defined by the address input pins (A1 and A2).
When the comparison result matches, the slave device responds with an acknowledge during the 9th clock cycle.
The successive 1 bit (P0) is used to define a page address and choose the two 256-byte memory blocks (Address
000h to 0FFh and 100h to 1FFh).
Slave Address
1
0
1
0
A2
A1
A0
R/W
Device Code
LSB
MSB
S-24CS01A/02A
Slave / Page
Address
Device Code
S-24CS04A
1
0
1
0
A2
A1
P0
R/W
MSB
LSB
Figure 11 Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com