Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 23 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 23 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. S24CS0 Datasheet HTML 21Page - ABLIC Inc. S24CS0 Datasheet HTML 22Page - ABLIC Inc. S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. S24CS0 Datasheet HTML 26Page - ABLIC Inc. S24CS0 Datasheet HTML 27Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
23
Rise time (tRISE) Max.
[ms]
Power supply voltage
(VCC)
[V]
50
5.0
4.0
3.0
2.0
100
150
200
For example:
If your E
2PROM supply voltage = 5.0 V, raise the power supply voltage
to 5.0 V within 200 ms.
Figure 27 Raising Time of Power Supply Voltage
When initialization is successfully completed via the power-on-clear circuit, the S-24CS01A/02A/04A enters the standby
status.
If the power-on-clear circuit does not operate, the following are the possible causes.
(1) Because the S-24CS01A/02A/04A has not been initialized, an instruction formerly input is valid or an instruction
may be inappropriately recognized. In this case, writing may be performed.
(2) The voltage may have dropped due to power off while the S-24CS01A/02A/04A is being accessed. Even if the
microprocessor is reset due to the low power voltage, the S-24CS01A/02A/04A may malfunction unless the power-
on-clear operation conditions of S-24CS01A/02A/04A are satisfied. For the power-on-clear operation conditions of
S-24CS01A/02A/04A, refer to 5. 1 Raising power supply voltage.
If the power-on-clear circuit does not operate, match the phase (reset) so that the internal S-24CS01A/02A/04A circuit is
normally reset. The statuses of the S-24CS01A/02A/04A immediately after the power-on-clear circuit operates and
when phase is matched (reset) are the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com