Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 27 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 27 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. S24CS0 Datasheet HTML 26Page - ABLIC Inc. S24CS0 Datasheet HTML 27Page - ABLIC Inc. S24CS0 Datasheet HTML 28Page - ABLIC Inc. S24CS0 Datasheet HTML 29Page - ABLIC Inc. S24CS0 Datasheet HTML 30Page - ABLIC Inc. S24CS0 Datasheet HTML 31Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
27
Product Name Structure
1. Product Name
S-24CS0xA xx - xx H - U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Operation temperature
H:
−40°C to +105°C
IC direction in tape specification
TB: 8-Pin SOP (JEDEC), 8-Pin TSSOP
TF: TMSOP-8
Package code (abbreviation)
FJ: 8-Pin SOP (JEDEC)
FT: 8-Pin TSSOP
FM: TMSOP-8
Product name
S-24CS01A: 1 Kbit
S-24CS02A: 2 Kbit
Remark
Please contact our sales office for products with product name structure other than those specified above.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin SOP (JEDEC)
FJ008-A-P-SD
FJ008-D-C-SD
FJ008-D-R-S1
8-Pin TSSOP
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com