Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 13 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 13 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 9Page - ABLIC Inc. S24CS0 Datasheet HTML 10Page - ABLIC Inc. S24CS0 Datasheet HTML 11Page - ABLIC Inc. S24CS0 Datasheet HTML 12Page - ABLIC Inc. S24CS0 Datasheet HTML 13Page - ABLIC Inc. S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. S24CS0 Datasheet HTML 16Page - ABLIC Inc. S24CS0 Datasheet HTML 17Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
Rev.3.1_03
S-24CS01A/02A/04A H Series
13
6. 2 Page write
The page write mode allows up to 8 bytes to be written in a single write operation in the S-24CS01A/02A and 16 bytes
to be written in a single write operation in the S-24CS04A.
Basic data transmission procedure is the same as that in the "Byte Write". But instead of generating a stop condition,
the master transmits 8-bit write data up to 8 bytes before the page write.
When the S-24CS01A/02A/04A receives a 7-bit device address and a 1-bit read / write instruction code set to "0",
following a start condition, it generates an acknowledge. Then the S-24CS01A/02A/04A receives an 8-bit word
address, and responds with an acknowledge. After the S-24CS01A/02A/04A receives 8-bit write data and responds
with an acknowledge, it receives 8-bit write data corresponding to the next word address, and generates an
acknowledge. The S-24CS01A/02A/04A repeats reception of 8-bit write data and generation of acknowledge in
succession. The S-24CS01A/02A/04A can receive as many write data as the maximum page size.
Receiving a stop condition initiates a write cycle of the area starting from the designated memory address and having
the page size equal to the received write data.
Remark1. A0 is P0 in the S-24CS04A.
2. W7 is optional in the S-24CS01A.
S
T
A
R
T
1
0
1
0
W
R
I
T
E
S
T
O
P
DEVICE
ADDRESS
WORD ADDRESS (n)
R
/
W
M
S
B
SDA
LINE
A2 A1 A0
A
C
K
L
S
B
A
C
K
A
C
K
0
D7 D6 D5 D4 D3 D2 D1 D0
D7
D7
D0
A
C
K
ADR INC
ADR INC
A
C
K
DATA (n)
DATA (n+1)
DATA (n+x)
W7 W6 W5 W4 W3 W2 W1 W0
ADR INC
D0
Figure 13 Page Write
In S-24CS01A/02A, the lower 3 bits of the word address are automatically incremented every time when the
S-24CS01A/02A receives 8-bit write data. If the size of the write data exceeds 8 bytes, the upper 5 bits of the word
address remain unchanged, and the lower 3 bits are rolled over and previously received data will be overwritten.
In S-24CS04A, the lower 4 bits of the word address are automatically incremented every time when the S-24CS04A
receives 8-bit write data. If the size of the write data exceeds 16 bytes, the upper 4 bits of the word address and page
address (P0) remain unchanged, and the lower 4 bits are rolled over and previously received data will be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com