Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 1 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 1 Page - ABLIC Inc.

  S24CS0 Datasheet HTML 1Page - ABLIC Inc. S24CS0 Datasheet HTML 2Page - ABLIC Inc. S24CS0 Datasheet HTML 3Page - ABLIC Inc. S24CS0 Datasheet HTML 4Page - ABLIC Inc. S24CS0 Datasheet HTML 5Page - ABLIC Inc. S24CS0 Datasheet HTML 6Page - ABLIC Inc. S24CS0 Datasheet HTML 7Page - ABLIC Inc. S24CS0 Datasheet HTML 8Page - ABLIC Inc. S24CS0 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
S-24CS01A/02A/04A H Series
www.ablicinc.com
FOR AUTOMOTIVE 105
°C OPERATION
2-WIRE SERIAL E2PROM
© ABLIC Inc., 2009-2018
Rev.3.1_03
1
The S-24CS01A/02A/04A H series is a high temperature operation 2-wire serial E
2PROM for automotive components. The
S-24CS01A/02A/04A H series has the capacity of 1 K-bit, 2 K-bit and 4 K-bit, and the organization is 128 words
× 8 bits, 256
words
× 8 bits and 512 words × 8 bits.
Page write and sequential read are available.
Caution Before using the product in automobile control unit or medical equipment, contact to ABLIC Inc. is
indispensable.
Features
• Operating voltage range:
Read 2.55 V to 5.5 V (Ta =
−40°C to +105°C)
Write 2.55 V to 5.5 V (Ta =
−40°C to +105°C)
• Page write:
8 bytes / page (S-24CS01A/02A)
16 bytes / page (S-24CS04A)
• Sequential read
• Operating Frequency:
400 kHz (VCC = 2.55 V to 5.5 V, Ta =
−40°C to +85°C)
350 kHz (VCC = 2.55 V to 5.5 V, Ta =
+85°C to +105°C)
• Write time:
10.0 ms max.
• Write protect function during the low power supply voltage
• Endurance:
10
6 cycles/word*1 (Ta = +85°C)
5
× 10
5 cycles/word*1 (Ta = +105°C)
• Data retention:
100 years (Ta =
+25°C)
20 years (Ta =
+105°C)
• Memory capacity:
S-24CS01A
1 Kbit
S-24CS02A
2 Kbit
S-24CS04A
4 Kbit
• Write protect:
100%
• Initial delivery state:
FFh
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. For each address (Word: 8-bit)
Packages
• 8-Pin SOP(JEDEC)
• 8-Pin TSSOP
• TMSOP-8
www.ablic.com


Similar Part No. - S24CS0

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24CS0 SII-S24CS0 Datasheet
683Kb / 47P
2-WIRE CMOS SERIAL E2PROM
S24CS01A SII-S24CS01A Datasheet
559Kb / 46P
S24CS01A
S24CS02A SII-S24CS02A Datasheet
683Kb / 47P
2-WIRE CMOS SERIAL E2PROM
S24CS08A SII-S24CS08A Datasheet
683Kb / 47P
2-WIRE CMOS SERIAL E2PROM
More results

Similar Description - S24CS0

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com