Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 16 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 16 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 12Page - ABLIC Inc. S24CS0 Datasheet HTML 13Page - ABLIC Inc. S24CS0 Datasheet HTML 14Page - ABLIC Inc. S24CS0 Datasheet HTML 15Page - ABLIC Inc. S24CS0 Datasheet HTML 16Page - ABLIC Inc. S24CS0 Datasheet HTML 17Page - ABLIC Inc. S24CS0 Datasheet HTML 18Page - ABLIC Inc. S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
16
7. 2 Random read
Random read is used to read the data at an arbitrary memory address.
A dummy write is performed to load the memory address into the address counter.
When the S-24CS01A/02A/04A receives a 7-bit device address and a 1-bit read / write instruction code set to "0"
following a start condition, it responds with an acknowledge. The S-24CS01A/02A/04A then receives an 8-bit word
address and responds with an acknowledge.
The memory address is loaded to the address counter in the
S-24CS01A/02A/04A by these operations. Reception of write data does not follow in a dummy write whereas reception
of write data follows in a byte write and in a page write.
Since the memory address is loaded into the memory address counter by dummy write, the master device can read the
data starting from the arbitrary memory address by transmitting a new start condition and performing the same
operation in the current address read.
That is, when the S-24CS01A/02A/04A receives a 7-bit device address and a 1-bit read / write instruction code set to
"1", following a start condition signal, it responds with an acknowledge. Next, 8-bit data is transmitted from the
S-24CS01A/02A/04A in synchronous to the SCL clock. The master device outputs stop condition not an acknowledge ,
the reading of S-24CS01A/02A/04A is ended.
SDA
LINE
S
T
A
R
T
W
R
I
T
E
DEVICE
ADDRESS
WORD
ADDRESS (n)
M
S
B
DUMMY WRITE
S
T
A
R
T
R
E
A
D
DEVICE
ADDRESS
M
S
B
A
C
K
L
S
B
NO ACK from
Master Device
S
T
O
P
ADR INC
DATA
A
C
K
A
C
K
L
S
B
R
/
W
R
/
W
Remark1. A0 is P0 in the S-24CS04A.
2. W7 is optional in the S-24CS01A.
1 0 1 0 A2 A1 A0 0
W7 W6 W5 W4 W3 W2 W1 W0
1 0 1 0 A2 A1 A0 1
D7 D6 D5 D4 D3 D2 D1 D0
Figure 16 Random Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com