Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S24CS0 Datasheet(PDF) 22 Page - ABLIC Inc.

Part # S24CS0
Description  FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S24CS0 Datasheet(HTML) 22 Page - ABLIC Inc.

Back Button S24CS0 Datasheet HTML 18Page - ABLIC Inc. S24CS0 Datasheet HTML 19Page - ABLIC Inc. S24CS0 Datasheet HTML 20Page - ABLIC Inc. S24CS0 Datasheet HTML 21Page - ABLIC Inc. S24CS0 Datasheet HTML 22Page - ABLIC Inc. S24CS0 Datasheet HTML 23Page - ABLIC Inc. S24CS0 Datasheet HTML 24Page - ABLIC Inc. S24CS0 Datasheet HTML 25Page - ABLIC Inc. S24CS0 Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 2-WIRE SERIAL E
2PROM
S-24CS01A/02A/04A H Series
Rev.3.1_03
22
4. Acknowledge check
The I
2C-bus protocol includes an acknowledge check function as a handshake function to prevent a communication
error. This function allows detection of a communication failure during data communication between the
microprocessor and S-24CS01A/02A/04A. This function is effective to prevent malfunction, so it is recommended to
perform an acknowledge check on the microprocessor side.
5. Built-in power-on-clear circuit
S-24CS01A/02A/04A has a built-in power-on-clear circuit that initializes the S-24CS01A/02A/04A. Unsuccessful
initialization may cause a malfunction. For the power-on-clear circuit to operate normally, the following conditions
must be satisfied for raising the power supply voltage.
5. 1 Raising power supply voltage
Raise the power supply voltage, starting at 0.2 V maximum, so that the voltage reaches the power supply voltage to
be used within the time defined by tRISE as shown in Figure 26.
For example, when the power supply voltage to be used is 5.0 V, tRISE is 200 ms as shown in Figure 27. The power
supply voltage must be raised within 200 ms.
0.2 V
VINIT (Max.)
tINIT
*2 (Max.)
tRISE (Max.)
Power supply voltage (VCC)
0 V
*1
*1.
0 V means there is no difference in potential between the VCC pin and the GND pin
of the S-24CS01A/02A/04A.
*2. tINIT is the time required to initialize the S-24CS01A/02A/04A. No instructions are
accepted during this time.
Figure 26 Raising Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com