Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 184 page
background image
56F8367 Package and Pin-Out Information
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
171
Preliminary
J3
A15
P9
IRQB
G14
ANA6
A6
SCLK0
J4
VSS
N9
FAULTB0
E13
ANA7
D4
MISO0
K1
D7
L9
FAULTB1
E11
TEMP_SENSE
B6
MOSI0
K3
D8
L10
FAULTB2
E12
VREFLO
A5
D11
K2
D9
P10
D0
F14
VREFN
A4
D12
E5
VDD_IO
N10
D1
E14
VREFMID
B5
D13
K4
D10
P11
FAULTB3
D13
VREFP
C4
D14
L1
GPIOB0
M11
PWMA0
D14
VREFH
A3
D15
L3
GPIOB1
G11
VSS
C14
VDDA_ADC
C3
A0
L2
GPIOB2
P12
PWMA1
D12
VSSA_ADC
A2
PHASEA0
M1
GPIOB3
N11
PWMA2
C13
ANB0
B4
PHASEB0
M2
GPIOB4
E9
VDD_IO
B14
ANB1
A1
INDEX0
N1
PWMB0
M12
PWMA3
C12
ANB2
B3
HOME0
P1
PWMB1
P13
PWMA4
B13
ANB3
B2
EMI_MODE
N2
PWMB2
E7
VSS
A14
ANB4
E6
VSS
Table 11-2 56F8367 -160 MAPBGA Package Identification by Pin Number (Continued)
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Please see http://www.freescale.com for the most current mechanical drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com