Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
174
Freescale Semiconductor
Preliminary
Table 11-3 56F8167 160-Pin LQFP Package Identification by Pin Number
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1VDD_IO
41
VSS
81
NC
121
ANB5
2VPP242
VDD_IO
82
NC
122
ANB6
3
CLKO
43
PWMB3
83
D2
123
ANB7
4
TXD0
44
PWMB4
84
NC
124
EXTBOOT
5RXD0
45PWMB5
85
NC
125
VSS
6
SCLK1
46
GPIOB5
86
D3
126
GPIOC8
7
MOSI1
47
GPIOB6
87
NC
127
GPIOC9
8
MISO1
48
GPIOB7
88
D4
128
GPIOC10
9
SS1
49
TXD1
89
D5
129
GPIOE10
10
A1
50
RXD1
90
D6
130
GPIOE11
11
A2
51
WR
91
OCR_DIS
131
GPIOE12
12
A3
52
RD
92
VDDA_OSC_PLL
132
GPIOE13
13
A4
53
PS
93
XTAL
133
TC0
14
A5
54
DS
94
EXTAL
134
VDD_IO
15
VCAP4*
55
GPIOD0
95
VCAP3*
135
TC1
16
VDD_IO
56
GPIOD1
96
VDD_IO
136
TRST
17
A6
57
GPIOD2
97
RSTO
137
TCK
18
A7
58
GPIOD3
98
RESET
138
TMS
19
A8
59
GPIOD4
99
CLKMODE
139
TDI
20
A9
60
GPIOD5
100
ANA0
140
TDO
21
A10
61
ISB0
101
ANA1
141
VPP1
22
A11
62
VCAP1*
102
ANA2
142
NC
23
A12
63
ISB1
103
ANA3
143
NC
24
A13
64
ISB2
104
ANA4
144
VCAP2*
25
A14
65
IRQA
105
ANA5
145
SS0
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com