Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 179Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
176
Freescale Semiconductor
Preliminary
Figure 11-5 160-pin LQFP Mechanical Information
DIM
MIN
MAX
MILLIMETERS
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.17
0.27
b1
0.17
0.23
c
0.09
0.20
c1
0.09
0.16
D
26.00 BSC
D1
24.00 BSC
e
0.50 BSC
E
26.00 BSC
E1
24.00 BSC
L
0.45
0.75
L1
1.00 REF
R1
0.08
---
R2
0.08
0.20
S
0.20
---
θ
0
7
1
0
---
2
11
13
3
11
13
0.25
6
θ
θ
θ
°°
°°
°°
°
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3.
DATUMS A, B, AND D TO BE DETERMINED
WHERE THE LEADS EXIT THE PLASTIC BODY
AT DATUM PLANE H.
4.
DIMENSIONS D1 AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.25mm PER SIDE.
DIMENSIONS D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS
INCLUDING MOLD MISMATCH.
5.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM
SPACE BETWEEN A PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm.
6.
EXACT SHAPE OF CORNERS MAY VARY.
D
D
GG
D
2
D1
2
D1
A-B
0.20
D
H
A-B
M
0.08
D
C
4X
A-B
0.20
D
C
160X
0.08 C
C
SEATING
PLANE
156X
e
4X
e/2
160X
e
DETAIL F
θ
θ2
θ1
θ3
S
L
(L1)
R1
R2
H
GAGE
PLANE
DETAIL F
(b)
b
SECTION G-G
Please see http://www.freescale.com for the most current mechanical drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com