Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
56F8167 Package and Pin-Out Information
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
175
Preliminary
26
A15
66
IRQB
106
ANA6
146
SCLK0
27
VSS
67
FAULTB0
107
ANA7
147
MISO0
28
D7
68
FAULTB1
108
NC
148
MOSI0
29
D8
69
FAULTB2
109
VREFLO
149
D11
30
D9
70
D0
110
VREFN
150
D12
31
VDD_IO
71
D1
111
VREFMID
151
D13
32
D10
72
FAULTB3
112
VREFP
152
D14
33
GPIOB0
73
NC
113
VREFH
153
D15
34
GPIOB1
74
VSS
114
VDDA_ADC
154
A0
35
GPIOB2
75
NC
115
VSSA_ADC
155
PHASEA0
36
GPIOB3
76
NC
116
ANB0
156
PHASEB0
37
GPIOB4
77
VDD_IO
117
ANB1
157
INDEX0
38
PWMB0
78
NC
118
ANB2
158
HOME0
39
PWMB1
79
NC
119
ANB3
159
EMI_MODE
40
PWMB2
80
VSS
120
ANB4
160
VSS
Table 11-3 56F8167 160-Pin LQFP Package Identification by Pin Number (Continued)
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com