Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
172
Freescale Semiconductor
Preliminary
Figure 11-3 160 MAPBGA Mechanical Information
NOTES:
1.
DIMENSIONS ARE IN MILLIMETERS.
2.
INTERPRET DIMENSIONS AND
TOLERANCES PER ASME Y14.5M, 1994.
3.
DIMENSION b IS MEASURED AT THE
MAXIMUM SOLDER BALL DIAMETER,
PARALLEL TO DATUM PLANE Z.
4.
DATUM Z (SEATING PLANE) IS DEFINED BY
THE SPHERICAL CROWNS OF THE SOLDER
BALLS.
5.
PARALLELISM MEASUREMENT SHALL
EXCLUDE ANY EFFECT OF MARK ON TOP
SURFACE OF PACKAGE.
CASE 1268-01
ISSUE O
X
0.20
LASER MARK FOR PIN 1
IDENTIFICATION IN
THIS AREA
e
13X
D
E
M
S
A1
A2
A
0.15 Z
0.30 Z
Z
ROTATED 90 CLOCKWISE
DETAIL K
°
5
VIEW M-M
e
13X
S
X
0.30
Y
Z
0.10 Z
3
b
160X
METALIZED MARK FOR
PIN 1 IDENTIFICATION
IN THIS AREA
14
13
12 11 10
9
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
4
160X
DIM MIN
MAX
MILLIMETERS
A
1.32
1.75
A1
0.27
0.47
A2
1.18 REF
b
0.35
0.65
D
15.00 BSC
E
15.00 BSC
e
1.00 BSC
S
0.50 BSC
Y
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com