Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 15
(This specification is subject to change without further notice)
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep
running even when the oscillator driver has been turned off (i.e. in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled any time during the normal
mode by software programming (if Code Option bit ENWDT is "1"). Refer to
WDTEbit of IOCE register. Without presacler, the WDT time-out period is
approximately 18 ms1.
4.4 I/O Ports
The I/O registers, from Port 5 to Port 9, are bi-directional tri-state I/O ports. P60~P67,
P74~P75, and P90~P91 provide internal pull-high. P60~P67, P74~P75, and P90~P95
provide programmable wake-up function through software. P76~P77 can have
open-drain output by software control. P80~P81 are the R-option pins which are
enabled by software. When the R-option function is used, it is recommended that P80
and P81 are used as output pins. During R-option enabled state, P80 and P81 must be
programmed as input pins. If an external resistor is connected to P80 (P81) for the
R-option function, the current consumption should be taken as an important factor in
the applications for low power consideration.
The I/O ports can be defined as "input" or "output" pins by the I/O control registers
(IOC5~IOC9) under program control. The I/O registers and I/O control registers are
both readable and writable. The I/O interface circuit is shown in Fig. 7. Note that the
reading path source of input and output pins is different when reading the I/O port.
CLK(=Fosc/2)
Data Bus
1
0
M
U
X
SYNC
2cycles
TCC(R1)
PAB
TCC overflow interrupt
0
1
WDT
WDTE
(in IOCE)
M
U
X
WDT timeout
8-bit Counter
8- to -1 MUX
PSR0~PSR2
01
MUX
PAB
Fig. 6 Block Diagram of TCC WDT
1 NOTE: Vdd = 5V, set up time period = 16.2ms ± 30%
Vdd = 3V, set up time period = 18.0ms ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com