Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 37
(This specification is subject to change without further notice)
Table 9 The Status of RST, T and P Being Affected by Events
Event
T
P
Power on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-Up on pin change during SLEEP2 mode
P
P
* P: Previous value before reset
4.8 Interrupt
The EM78P451S has the following interrupts.
1. /TCC overflow interrupt
2. External interrupt (/INT)
3. Serial Peripheral Interface (SPI) transmission completed interrupt.
4. Timer1 comparator completed interrupt.
R3F is the interrupt status register, which records the interrupt request in flag bit. IOCF
is the interrupt mask register. Global interrupt is enabled by ENI instruction and is
disabled by DISI instruction. When one of the interrupts (if enabled) is generated, will
cause the next instruction to be fetched from address 001H. Once in the interrupt
service routine the source of the interrupt can be determined by polling the flag bits in
the R3F register. The interrupt flag bit must be cleared by software before leaving the
interrupt service routine and enabling interrupts to avoid recursive interrupts.
The flag in the Interrupt Status Register (R3F) is set regardless of the status of its mask
bit or the execution of ENI instruction. Note that reading R3F will obtain the output of
logic AND of R3F and IOCF (refer to Fig. 17). The RETI instruction exits interrupt
routine and enables the global interrupt (execution of ENI instruction).
When an interrupt is generated by INT instruction (if enabled), it causes the next
instruction to be fetched from address 002H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com