Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 17
(This specification is subject to change without further notice)
4.5 SERIAL PERIPHERAL INTERFACE MODE
4.5.1 Overview & Features
Overview:
Figures 8, 9, and 10 show how EM78P451S communicates with other devices through
SPI module. If EM78P451S is a master controller, it sends clock through the SCK pin.
A couple of 8-bit data are transmitted and received at the same time. However, if
EM78P451S is defined as a slave, its SCK pin could be programmed as an input pin.
Data will continue to be shifted based on both the clock rate and the selected edge.
Features:
Operation in either Master mode or Slave mode,
Three-wire or four-wire synchronous communication; that is, full duplex
Programmable baud rates of communication,
Programming clock polarity, (RD bit7)
Interrupt flag available for the read buffer full,
Up to 8 MHz ( maximum ) bit frequency,
SPI Module
SCK
SPIR Reg
SDI
SPIW
Reg
SPIS Reg
/SS
Slave Device
SDO
Bit 7
SPI Module
SPIR Reg
SPIW Reg
SPIS Reg
Master Device
Fig. 8 SPI Master/Slave Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com