Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
22
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4.5.4 Programmed the related registers
As the SPI mode is defined, the related registers of this operation are shown in Table 2
and Table 3.
Table 2 Related Control Registers of the SPI Mode
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0D
*SPIC/RD CES
SPIE
SRO
SSE
--
SBR2
SBR1
SBR0
0x0F
INTC/IOCF
--
--
--
--
TM1IE
SPIIE
EXIE
TCIE
SPIC: SPI Control Register.
Bit 7 (CES): Clock Edge Select bit
0 = Data shifts out on rising edge, and shifts in on falling edge. Data is on hold
during the low level.
1 = Data shifts out on falling edge, and shifts in on rising edge. Data is on hold
during the high level.
Bit 6 (SPIE):SPI Enable bit
0 = Disable SPI mode
1 = Enable SPI mode
Bit 5 (SRO):SPI Read Overflow bit
0 = No overflow.
1 = A new data is received while the previous data is still being on hold in the
SPIB register. Under this condition, the data in SPIS register will be destroyed.
To avoid setting this bit, users should read the SPIRB register even if the
transmission is implemented only.
NOTE
This can only occur under slave mode.
Bit 4 (SSE):SPI Shift Enable bit
0 = Reset as soon as the shifting is completed and the next byte is ready to shift.
1 = Start to shift, and stays on 1 while the current byte continues to transmit.
NOTE
This bit can be reset by hardware only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com