Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
36
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
Address
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Wake-Up from Pin
Change
P
P
P
P
P
P
P
P
Bit Name
-
ODE
WTE
SLP
C
ROC
-
-
/WU
E
0x0E
IOCE
Power-On
U
0
1
1
0
U
U
1
/RESET and WDT
U
0
1
1
0
U
U
1
Wake-Up from Pin
Change
U
P
1
1
P
U
U
P
Bit Name
-
-
-
-
T1IE
SPII
E
EXIE
TCIE
0x0F
IOCF
Power-On
U
U
U
U
0
0
0
0
/RESET and WDT
U
U
U
U
0
0
0
0
Wake-Up from Pin
Change
U
U
U
U
P
P
P
P
Bit Name
-
-
-
-
-
-
-
-
0x10~0x3E
GPR
Power-On
U
U
U
U
U
U
U
U
/RESET and WDT
PPPPP
P
P
P
Wake-Up from Pin
Change
PPPPP
P
P
P
** To execute the next instruction after the ”SLPC” bit status of IOCE register being on
high-to-low transition.
X: NOTE
used. U: Unknown or don’t care. -: Not defined P: Previous value before reset.
t: Check Table 7
The Status of RST, T, and P of STATUS Register
A RESET condition is initiated by the following events:
1. A power-on condition,
2. Watchdog timer time-out.
The values of T and P, listed in Table 7 are used to check how the processor wakes up.
Table 8 shows the events that may affect the status of T and P.
Table 8 The Values of RST, T and P After RESET
Reset Type
T
P
Power on
1
1
WDT during Operating mode
0
P
WDT wake-up during SLEEP1 mode
0
0
WDT wake-up during SLEEP2 mode
0
P
Wake-Up on pin change during SLEEP2 mode
P
P
* P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com