Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
42
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
Bit 9 (PTB): Protect bit.
0: Protect enabled
1: Protect disabled
Bit 8 (HLF): XTAL frequency selection.
0: Low frequency (32.768KHz)
1: High frequency
This bit is useful only when Bit 12 (MS) is 1. When MS is 0, HLF must be 0.
Bit 7 (RCT): Resistor Capacitor.
0: internal RC
1: external RC
Bit 6 (HLP): Power consumption selection.
0: Low power
1: High power
Bit 5 ~ Bit 4: DEL1 and DEL0 (SDI) input delay time options.
DEL 1
DEL 0
Delay time
1
1
0 ns
0
1
50 ns
1
0
100 ns
Bit3~0 (REN): reset pin enable bit
0: enable, P70/reset=>reset pin
1: disable, P70/reset=> P70
WORD 1 ( user’s ID code)
12
11
10
9
8
7
6
5
4
3
2
1
0
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
4.11 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. All instructions are executed within one single instruction cycle
(consisting of 2 oscillator periods), unless the program counter is changed by-
(a) Executing the instruction "MOV R2,A", "ADD R2,A", "TBL", or any other instructions
that write to R2 (e.g. "SUB R2,A", "BS R2,6", "CLR R2",
⋅⋅⋅⋅).
(b) execute CALL, RET, RETI, RETL, JMP, Conditional skip (JBS, JBC, JZ, JZA, DJZ,
DJZA) which were tested to be true.
Under these cases, the execution takes two instruction cycles.
In addition, the instruction set has the following features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com