Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
40
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4.9.3 RC Oscillator Mode
For some applications that do not need a very precise timing calculation, the RC
oscillator (Fig 22 & Fig 23) offers a lot of cost savings. Nevertheless, it should be noted
that the frequency of the RC oscillator is influenced by the supply voltage, the values of
the resistor (Rext), the capacitor (Cext), and even by the operation temperature.
Moreover, the frequency also changes slightly from one chip to another due to the
manufacturing process variation.
In order to maintain a stable system frequency, the values of the Cext should not be
less than 20pF, and that the value of Rext should not be greater than 1 M ohm. If they
cannot be kept in this range, the frequency is easily affected by noise, humidity, and
leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
Ω, the oscillator becomes unstable
because the NMOS cannot discharge the current of the capacitance correctly.
Based on the reasons above, it must be kept in mind that all of the supply voltage, the
operation temperature, the components of the RC oscillator, the package types, the
way the PCB is layout, will affect the system frequency.
OS C I
E M 78 P 451 S
Vc c
R ext
Ce x t
Fig. 20 Circuit for External RC Oscillator Mode
OS C I
E M 78 P 451 S
Vc c
R ext
Fig. 21 Circuit for External R, Internal C Oscillator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com