Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
6
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4.1.4 R3 (Status Register)
7
6
5
4
3
2
1
0
GP
PS1
PS0
T
P
Z
DC
C
Bit7 (GP) General read/write bit.
Bit6 (PS1) ~ 5 (PS0) Page select bits. PS0~PS1 are used to pre-select a program
memory page. When executing a "JMP", "CALL", or other instructions which
causes the program counter to be changed (e.g. MOV R2, A), PS0~PS1 are
loaded into the 11th and 12th bits of the program counter where it selects
selecting one of the available program memory pages. Note that RET (RETL,
RETI) instruction does not change the PS0~PS1 bits. That is, the return will
always be to the page from where the subroutine was called, regardless of
the current setting of PS0~PS1 bits. PS1 bit is not used (read as "0") and
cannot be modified in EM78P451S.
PS1
PS0
Program memory page [Address]
0
0
Page 0 [000-3FF]
0
1
Page 1 [400-7FF]
1
0
Page 2 [800-BFF]
1
1
Page 3 [C00-FFF]
Bit 4 (T) Time-out bit. Set to 1 with the "SLEP" and the "WDTC" commands, or during
power up and reset to 0 with WDT timeout.
Bit 3 (P) Power down bit. Set to 1 during power on or by a "WDTC" command and
reset to 0 by a "SLEP" command.
Bit 2 (Z) Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 1 (DC) Auxiliary carry flag
Bit 0 (C) Carry flag
4.1.5 R4 (RAM Select Register)
Bits 7~6 determine which bank is activated among the 4 banks.
Bits 5~0 are used to select the registers (address: 00~3F) in the indirect addressing
mode.
If no indirect addressing is used, the RSR is used as an 8-bit general-purposed
read/writer register.
See the configuration of the data memory in Fig. 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com