Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
24
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
SPIS: SPI Status register
Bit 4 (TM1IF):Timer1 interrupt flag.
Bit 3 (OD3)Open-Drain Control bit (P93)
0 = Open-drain disable for SDO.
1 = Open-drain enable for SDO,
Bit 2 (OD4):Open Drain-Control bit (P94)
0 = Open-drain disable for SCK.
1 = Open-drain enable for SCK
Bit 1 (RBFIF):Read Buffer Full Interrupt flag
1 = Receive is completed, SPIB is full, and an interrupt occurs if enabled.
0 = Receive is ongoing, SPIB is empty.
Bit 0 (RBF):Read Buffer Full flag
0 = Receive is ongoingt, SPIB is empty.
1 = Receive is completed, SPIB is full.
4.5.5 SPI Mode Timing
The edge of SCK is selected by programming bit CES. The waveform shown in Fig.13
is applicable regardless of whether the EM78P451S is under master or slave mode
with /SS disabled. However, The waveform in Fig. 14 can only be implemented in slave
mode with /SS enabled.
Fig. 13 SPI Mode with /SS Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com