Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
8
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4.1.8 RA (SPIRB: SPI Read Buffer)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0X0A
SPIRB/RA
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB7~SRB0 are the 8-bit data when complete transmission by SPI.
4.1.9 RB (SPIWB: SPI Write Buffer)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0B
SPIWB/RB
SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1
SWB0
SWB7~SWB0 are the 8-bit data that are waiting for transmission by SPI.
4.1.10 RC (SPIS: SPI Status Segister)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
SPIS/RC
--
--
--
TM1IF
OD3
OD4
RBFIF
RBF
Bits 7 ~ 5
Not used.
Bit 4 (TM1IF):
0 = In timer1 mode, receiving not completed yet, and an interrupt does
not occur.
1 = In timer1 mode, receiving completed, and an interrupt occurs if
enabled.
Bit 3 (OD3): Open-Drain Control bit
0 = Open-drain disable for SDO.
1 = Open-drain enable for SDO,
Bit 2 (OD4): Open-Drain Control bit
0 = Open-drain disable for SCK.
1 = Open-drain enable for SCK,
Bit 1 (RBFIF):Read Buffer Full Interrupt Flag
0 = Receiving not completed yet; and SPIRB has not fully exchanged.
1 = Receiving completed, SPIRB is fully exchanged, and an interrupt
occurs if enabled.
Bit 0 (0RBF):Read Buffer Full flag
0 = Receiving not completed yet, and SPIRB has not fully exchanged.
1 = Receiving completed; SPIRB is fully exchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com