Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
38
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
Q
Q
CLK
D
P
R
C
L
Q
Q
CLK
D
P
R
C
L
/IRQn
R3F
RESET
IOCF
RFWR
IOCFRD
IOCFWR
RFRD
IRQn
IRQm
IOD
ENI/DISI
interrupt
Fig. 17 Interrupt Input Circuit
4.9 Oscillator
4.9.1 Oscillator Modes
The EM78P451S can operate in four different oscillator modes. There are high XTAL
(HXT) oscillator mode, low XTAL (LXT) oscillator mode, External RC oscillator mode
(ERC), and Internal C、External R oscillator modes. User can select one of them by
programming MS, RCT, HLF and HLP in the Code Option Register. Table 9 depicts
how these three modes are defined.
Table 10 Oscillator Modes by MS, IRC, RCT.
Mode
MS
RCT
HLF
HLP
High XTAL Oscillator
1
X
1
X
Low XTAL Oscillator
1
X
0
0
External RC Oscillator
0
1
X
X
External R and Internal C Oscillator
0
0
X
X
<Note> X: Don’t care
4.9.2 Crystal Oscillator/Ceramic Resonators (XTAL)
EM78P451S can be driven by an external clock signal through the OSCI pin as shown
in Fig 18 below. In the most applications, pin OSCI and pin OSCO is connected with a
crystal or ceramic resonator to generate oscillation. Fig 19 depicts such circuit. Table
10 provides the recommended values of C1 and C2. Since each resonator has its own
attribute, user should refer to its specification for appropriate values of C1 and C2. RS,
a serial resistor may be necessary for AT strip cut crystal or low frequency mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com