Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 25 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 25 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 29Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 21
(This specification is subject to change without further notice)
The received byte will update the transmitted byte,
Both the RBF and RBFIF bits (located in Register 0x0C) will be set as the SPI
operation is completed.
Timing is shown in Fig.13 and14.
SDO/P93 (Pin 8):
Serial Data Out,
Transmit serially; the Most Significant Bit (MSB) first, Least Significant Bit (LSB)
last,
Program the same clock rate and clock edge to latch on both the master and slave
devices,
The received byte will update the transmitted byte,
The CES (located in Register 0x0D) bit will be reset, as the SPI operation is
completed.
Timing is shown in Fig.13 and 14.
SCK/P94 (Pin 9):
Serial Clock
Generated by a master device
Synchronize the data communication on both the SDI and SDO pins
The CES (located in Register 0x0D) is used to select the edge to communicate.
The SBR0~SBR2 (located in Register 0x0D) is used to determine the baud rate of
communication
The CES, SBR0, SBR1, and SBR2 bits have no effect in the slave mode
Timing is show in Fig.13 and 14
/SS/P95 (Pin 10):
Slave Select; negative logic,
Generated by a master device to signify the slave(s) to receive data,
Goes low before the first cycle of SCK appears, and remains low until the last
(eighth) cycle is completed,
Ignores the data on the SDI and SDO pins while /SS is high, because the SDO is
no longer driven.
Timing is shown in Fig.13 and Fig. 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com