Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 43 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 43 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 47Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 39
(This specification is subject to change without further notice)
OSCI
OSCO
EM 78P451S
Ext. Clock
Fig. 18 Circuit for External Clock Input
OSCI
OSCO
EM 78P451S
C1
C2
XTAL
RS
Fig. 19 Circuit for Crystal/Resonator
Table 11 Capacitor Selection Guide for Crystal Oscillator Ceramic Resonators
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455 KHz
10~150
10~150
1.0 MHz
40~80
40~80
2.0 MHz
20~40
20~40
Ceramic Resonator
HXT
4.0 MHz
10~30
10~30
32.768 KHz
25
15
100 KHz
25
25
LXT
200 KHz
25
25
455 KHz
20~40
20~150
1.0 MHz
15~30
15~30
2.0 MHz
15
15
Crystal Oscillator
HXT
4.0 MHz
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com