Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
30
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
4.6 Timer 1
4.6.1 Overview
Timer1(TMR1) is an eight-bit clock counter with a programmable prescaler. It is
designed for the SPI module as a baud rate clock generator. TMR1 can be read and
written and cleared on any reset conditions. If employed, it can be turned down for
power saving by setting TMR1EN bit [T1CON<2>] to 0.
4.6.2 Function description
Fig. 15 shows TIMER1 block diagram. Each signal and block is described as follows:
Comarator
PWP
TMR1
increase
EQ
reset
Sets TMR1IF
Clock output
Prescaler
1:1 to 1:16
OSC/4
OSC/2
Fig. 15 TIMER1 Block Diagram
OSC/4:Input clock.
Prescaler: Option of 1:1, 1:4, 1:8, and 1:16 defined by T1P1 and T1P02
(T1CON<1, 0>). It is cleared when a value is written to TMR1 or T1CON, and
during any kind of reset as well.
PWP: Pulse width preset register. The desired width of baud clock is written in
advance.
TMR1: Timer 1 register. TMR1 increases until it matches with PWP, and then
resets to 0. If it is chosen optionally in the SPI mode, its output is fed as a shifting
clock.
Comparator: To change the output status while a match occurs. The TMR1IF flag
will be set at the same time.
4.6.3 Programmed the related registers
The related registers of the defining TMR1 operation are shown in Table 4 and Table 5
Table 4 Related Control Registers of the TMR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
SPIS/RC
0
0
0
TM1IF
OD3
OD4
RBFIF
RBF
0x0F
INTC/IOCF
0
0
0
0
TM1IE
SPIIE
EXIE
TCIE
Table 5 Related Status/Data Registers ofTMR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0E
TMR1/RE
TMR17
TMR16
TMR15
TMR14
TMR13
TMR12
TMR11
TMR10
0x0F
PWP/RF
PWP7
PWP6
PWP5
PWP4
PWP3
PWP2
PWP1
PWP0
0x0C
T1CON/IOCC
0
0
0
0
0
TM1E
TM1P1
TM1P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com