Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P451SWM Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 11
(This specification is subject to change without further notice)
4.2.2
CONT (Control Register)
7
6
5
4
3
2
1
0
/PHEN
/INT
-
-
PAB
PSR2
PSR1
PSR0
Bit 7 (/PHEN) I/O pin pull-high enable flag.
0: For P60~P67, P74~P75 and P90~P95, the pull-high function is enabled.
1: The pull-high function is disabled.
Bit 6 (INT) An interrupt enable flag cannot be written by the CONTW instruction.
0: interrupt masked by the DISI instruction.
1: interrupt enabled by the ENI or RETI instruction.
Bit5, 4
Not used, and to be read as “0”.
Bit 3 (PAB) Prescaler assignment bit.
0: TCC
1: WDT
Bit 2 (PSR2) ~ Bit 0 (PSR0) TCC/WDT prescaler bits.
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
Bits 0~3, and 7 of the CONT register are readable and writable.
4.2.3
IOC5 ~ IOC9 (I/O Port Control Register)
"1" put the relative I/O pin into high impedance, while "0" put the relative I/O pin as
output.
Both P74 and P76 should not be defined as output pins at the same time. This also
applies to both P75 and P77.
Only the lower 6 bits of the IOC9 register are used.
4.2.4
IOCC (T1CON: Timer1 control register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
T1CON/IOCC
0
0
0
0
0
TM1E
TM1P1
TM1P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com