Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 1 Page - Cirrus Logic

  CS61583 Datasheet HTML 1Page - Cirrus Logic CS61583 Datasheet HTML 2Page - Cirrus Logic CS61583 Datasheet HTML 3Page - Cirrus Logic CS61583 Datasheet HTML 4Page - Cirrus Logic CS61583 Datasheet HTML 5Page - Cirrus Logic CS61583 Datasheet HTML 6Page - Cirrus Logic CS61583 Datasheet HTML 7Page - Cirrus Logic CS61583 Datasheet HTML 8Page - Cirrus Logic CS61583 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Features
• Dual T1/E1 Line Interface
• Low Power Consumption
(Typically 220mW per Line Interface)
• Matched Impedance Transmit Drivers
• Common Transmit and Receive Transform-
ers for all Modes
• Selectable Jitter Attenuation for Transmit
or Receive Paths
• Supports JTAG Boundary Scan
• Hardware Mode Derivative of the CS61584
General Description
The CS61583 is a dual line interface for T1/E1 applica-
tions, designed for high-volume cards where low power
and high density are required. Each channel features
individual control and status pins which eliminates the
need
for
external
microprocessor
support.
The
matched impedance drivers reduce power consumption
and provide substantial return loss to insure superior
T1/E1 pulse quality.
The CS61583 provides JTAG boundary scan to en-
hance system testability and reliability. The CS61583 is
a 5 volt device and is a hardware mode derivative of
the CS61584.
ORDERING INFORMATION
CS61583-IL5: 68-pin PLCC, -40 to +85 °C
CS61583-IQ5: 64-pin TQFP, -40 to +85 °C
JULY ’96
DS172PP5
1
Crystal Semiconductor Corporation
P. O. Box 17847, Austin, Texas, 78760
(512) 445 7222
FAX:(512) 445 7581
Dual T1/E1 Line Interface
TTIP1
TRING1
RRING1
RTIP1
DRIVER
CONTROL
TCLK1
RCLK1
JTAG
4
REFCLK 1XCLK
TV+ TGND RV+ RGND DV+ DGND AV+ AGND BGREF
2
2
2
2
3
2
CLOCK GENERATOR
TPOS1/
TNEG1/
RPOS1/
RNEG1/
LOS1 LOS2
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
LOS
DETECT
TAOS
TTIP2
TRING2
RRING2
RTIP2
DRIVER
TCLK2
RCLK2
TPOS2/
TNEG2/
RPOS2/
RNEG2/
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
TAOS
LOS
DETECT
RESET
CLKE
TAOS1
LLOOP1
RLOOP1
CON01
CON11
CON21
RLOOP2
LLOOP2
TAOS2
CON02
CON12
CON22
AMI2
AMI1
CODER2
CODER1
ATTEN1
ATTEN2
JITTER
ATTENUATOR
E
N
C
O
D
E
R
D
E
C
O
D
E
R
L
O
C
A
L
L
O
O
P
B
A
C
K
R
E
M
O
T
E
L
O
O
P
B
A
C
K
JITTER
ATTENUATOR
E
N
C
O
D
E
R
D
E
C
O
D
E
R
L
O
C
A
L
L
O
O
P
B
A
C
K
R
E
M
O
T
E
L
O
O
P
B
A
C
K
TDATA1
AIS1
RDATA1
BPV1
TDATA2
AIS2
RDATA2
BPV2
RECEIVER
RECEIVER
CS61583
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)


Similar Part No. - CS61583

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
DUAL T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61583

ManufacturerPart #DatasheetDescription
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
DUAL T1/E1 LINE INTERFACE
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
T1/E1 Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com