Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 31Page - Cirrus Logic CS61583 Datasheet HTML 32Page - Cirrus Logic CS61583 Datasheet HTML 33Page - Cirrus Logic CS61583 Datasheet HTML 34Page - Cirrus Logic CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
POWER SUPPLY
As shown on the evaluation board schematic in
Figures 1-5, power is supplied to the board from
an external +5 Volt supply connected to the two
binding posts labeled V+ and GND. Zener diode
Z1 protects the components on the board from
reversed supply connections and over-voltage
damage. Capacitor C16 provides power supply
decoupling and ferrite bead L1 isolates the
CS61583 and buffer supplies. Both sides of the
evaluation board contain extensive areas of
ground plane to insure optimum performance.
Capacitors C3, C5-C8, C13, C18, and C38
provide
power
supply
decoupling
for
the
CS61583. The BGREF pin is pulled down
through resistor R10 to provide an internal
current reference. The buffers are decoupled
using capacitors C9, C15, and C19. Ferrite beads
L2-L4 help reduce the power supply noise that is
coupled from the buffers to the power supply.
BOARD CONFIGURATION
The evaluation board is based on the CDB61584
used
to
evaluate
the
CS61584
dual
LIU
optimized for Host mode applications. Because
the CS61583 is optimized for Hardware mode
applications, slide switch SW6 must be placed in
the "HW" position to set the AGND1 pin of the
CS61583 to a logic 0. In addition, the host
processor interface appearing at J26 is not used
on the CDB61583.
The evaluation board is configured using DIP
switches SW2, SW3, and SW4. Because the
evaluation board is based on the CDB61584
design, switches SW2, SW3, and SW4 are
relabeled with white stickers. These switches
establish the digital control inputs for both line
interface channels. Closing a DIP switch towards
the label sets the CS61583 control pin of the
same name to a logic 1. All switch inputs are
pulled-down using resistor networks RP2-RP5.
The CDB61583 switch functions are listed
below:
• TAOS1, TAOS2: transmit all ones;
• LLOOP1, LLOOP2: local loopback;
• RLOOP1, RLOOP2: remote loopback;
• CODER1, CODER2: encoder/decoder control;
• ATTEN0, ATTEN1: jitter attenuator selection;
• CLKE: RCLK edge polarity;
• 1XCLK: clock frequency selection;
• AMI1, AMI2: encoder/decoder control;
• CONx1, CONx2: line configuration settings.
A jumper must be installed on header J10 to
enable RLOOP2 functionality.
Alarm Indications
The LOS1 and LOS2 LED indicators illuminate
when the line interface receiver has detected a
loss of signal. Headers J7 and J13 must be
jumpered in the "TNEG" position to provide
connectivity to the BNC input when the coder
mode is disabled (CODER(1,2) = 0).
The AIS alarm condition is provided when the
coder mode is enabled (CODER(1,2) = 1) and
headers J7 and J13 are jumpered in the "AIS"
position. The AIS1 and AIS2 LED indicators
illuminate when the line interface receiver has
detected
the
all-ones
receive
input
signal.
Resistors
R26
and
R27
pull-down
the
TNEG(1,2) inputs when coder mode is disabled
but headers J7 and J13 are jumpered in the
"AIS" position.
Manual Reset
A momentary contact switch SW1 provides a
manual reset by forcing the RESET pin of the
CS61583 to a logic 1. Although the transmit and
receive circuitry are continuously calibrated, the
CDB61583
DB172PP1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com