Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 33Page - Cirrus Logic CS61583 Datasheet HTML 34Page - Cirrus Logic CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic CS61583 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Crystal Oscillator
A crystal oscillator may be inserted at socket U4
in the orientation indicated by the silkscreen.
Header J14 must be jumpered in the "OSC"
position to provide connectivity to the REFCLK
pin of the CS61583. The SW2 switch position
labeled "1XCLK" must be open (logic 0) for 8-X
clock operation or closed (logic 1) for 1-X clock
operation.
External Reference
An external reference may be provided at the
REFCLK BNC input. Header J14 must be
jumpered in the "REFCLK" position to provide
connectivity
to
the
REFCLK
pin
of
the
CS61583. The SW2 switch position labeled
"1XCLK" must be open (logic 0) for 8-X clock
operation or closed (logic 1) for 1-X clock
operation.
BUFFERING
Buffers U2 and U3 provide additional drive
capability for the BNC inputs and outputs. The
buffer outputs are filtered with an RC network to
reduce the transients caused by buffer switching.
JTAG ACCESS
The CS61583 implements JTAG boundary scan
to support board-level testing. Interface port J56
provides access to the four JTAG pins on the
CS61583. The J-TMS pin of the CS61583 is
pulled-down by resistor R28 to disable boundary
scan unless the pin is externally pulled high
using the interface port.
TRANSFORMER SELECTION
The evaluation board is supplied from the
factory
with
Pulse
Engineering
PE-65388
transformers installed at locations T1-T4. They
are socketed to permit the evaluation of other
transformers.
LINE PROTECTION EVALUATION
Several optional resistor and diode locations on
the transmit and receive line interface allow for
the installation and evaluation of various types
of protection circuitry. Each location is drilled
with 60 mil vias to permit the installation of
sockets. These sockets can be obtained from
McKenzie at (510) 651-2700 by requesting part
#PPC-SIP-1X32-620C and are identical to the
socket type installed at various resistor locations
on the board. They allow the line protection
circuitry to be easily changed during testing.
Note that the traces forming shorts between the
socket locations on the line interface may need
to be cut prior to protection circuitry installation.
PROTOTYPING AREA
Four prototyping areas with power supply and
ground
connections
are
provided
on
the
evaluation board. These areas can be used to
develop and test a variety of additional circuits
such as framer devices, system synchronizer
PLLs, or specialized interface logic.
EVALUATION HINTS
1. The orientation of pin 1 for the CS61583 is
labeled "1" on the left side of the socket U7.
2. A jumper must be placed on header J10 when
using the CDB61583.
3. Component locations R3-R4, R14-R15, C1,
and C12 must have the correct values installed
according to the application. All the necessary
components are included with the evaluation
board.
CDB61583
DB172PP1
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com