Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 32Page - Cirrus Logic CS61583 Datasheet HTML 33Page - Cirrus Logic CS61583 Datasheet HTML 34Page - Cirrus Logic CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
reset can be used to initialize the control logic.
Both channels are powered up after exiting reset.
TRANSMIT CIRCUIT
The transmit clock and data signals are supplied
on BNC inputs labeled TCLK(1,2), TPOS(1,2),
and TNEG(1,2). When the coder mode is
disabled, data is supplied on the TPOS(1,2) and
TNEG(1,2) BNC inputs in RZ format. When the
coder mode enabled, data is supplied on the
TDATA(1,2) BNC input in NRZ format and the
TNEG(1,2) BNC input may be used to indicate
the AIS alarm condition as described in the
Board Configuration section.
The transmitter output is transformer coupled to
the
line
interface
through
1:1.15
step-up
transformers T1 and T4. The signal is available
at either the TTIP(1,2) and TRING(1,2) binding
posts or the TX(1,2) bantam jacks.
Capacitors C2 and C11 prevent output stage
imbalances from producing a DC current that
may saturate the transformer and result in an
output level offset. Capacitors C1 and C12
provide transmitter return loss and are socketed
so the value may be changed according to the
application. A 220 pF capacitor is required for
100
Ω twisted-pair T1 or 120Ω twisted-pair E1
applications. A 470 pF capacitor is required for
75
Ω coax E1 applications. These capacitors are
included with the evaluation board.
Optional diode locations D6-D9 and D10-D13
and
optional
resistor
locations
R8-R9
and
R18-R19 provide test locations to evaluate
transmit line interface protection circuitry.
RECEIVE CIRCUIT
The receive signal is input at either the
RTIP(1,2) and RRING(1,2) binding posts or the
RX(1,2) bantam jacks. The receive signal is
transformer coupled to the CS61583 through
1:1.15 step-down transformers T2 and T3.
The receive line is terminated by resistors R3-R4
and R14-R15 to provide impedance matching
and receiver return loss. They are socketed so
the values may be changed according to the
application. The evaluation board is supplied
from the factory with 38.3
Ω resistors for
terminating
100Ω twisted-pair T1 lines, 45.3Ω
resistors for terminating 120
Ω twisted-pair E1
lines, and 28.7
Ω resistors for terminating 75Ω
coaxial E1 lines. Capacitors C4 and C10 provide
a differential input voltage reference.
Optional resistor locations R1-R2, R12-R13,
R16-R17, and R24-R25 provide test locations to
evaluate
receive
line
interface
protection
circuitry.
The recovered clock and data signals are
available on BNC outputs labeled RCLK(1,2),
RPOS(1,2), and RNEG(1,2). When the coder
mode is disabled, data is available on the
RPOS(1,2) and RNEG(1,2) BNC outputs in RZ
format. When the coder mode is enabled, data is
available on the RDATA(1,2) BNC output in
NRZ format and bipolar violations are reported
on BPV(1,2).
REFERENCE CLOCK
The CDB61583 requires a T1 or E1 reference
clock for operation. This clock may operate at
either a 1-X rate (1.544 MHz or 2.048 MHz) or
an 8-X rate (12.352 MHz or 16.384 MHz) and
can be supplied by either a crystal oscillator or
an external reference. The evaluation board is
supplied from the factory with two crystal
oscillators for T1 and E1 operation.
CDB61583
36
DB172PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com