Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 16Page - Cirrus Logic CS61583 Datasheet HTML 17Page - Cirrus Logic CS61583 Datasheet HTML 18Page - Cirrus Logic CS61583 Datasheet HTML 19Page - Cirrus Logic CS61583 Datasheet HTML 20Page - Cirrus Logic CS61583 Datasheet HTML 21Page - Cirrus Logic CS61583 Datasheet HTML 22Page - Cirrus Logic CS61583 Datasheet HTML 23Page - Cirrus Logic CS61583 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
The test data register selected by the current in-
struction retains its previous value during this
state.
The instruction does not change in this
state.
When the controller is in this state and a rising
edge is applied to J-TCK, the controller enters
the Exit1-IR state if J-TMS is held high, or re-
mains in the Shift-IR state if J-TMS is held low.
Exit1-IR State
This is a temporary state. While in this state, if
J-TMS is held high, a rising edge applied to J-
TCK causes the controller to enter the Update-IR
state, which terminates the scanning process. If
J-TMS is held low and a rising edge is applied
to J-TCK, the controller enters the Pause-IR
state.
The test data register selected by the current in-
struction retains its previous value during this state.
The instruction does not change in this state.
Pause-IR State
The pause state allows the test controller to tem-
porarily halt the shifting of data through the
instruction register.
The test data register selected by the current in-
struction retains its previous value during this
state. The instruction does not change in this
state.
The controller remains in this state as long as
J-TMS is low.
When J-TMS goes high and a
rising edge is applied to J-TCK, the controller
moves to the Exit2-IR state.
Exit2-IR State
This is a temporary state. While in this state, if
J-TMS is held high, a rising edge applied to J-
TCK causes the controller to enter the Update-IR
state, which terminates the scanning process. If
J-TMS is held low and a rising edge is applied
to J-TCK, the controller enters the Shift-IR state.
The test data register selected by the current in-
struction retains its previous value during this
state.
The instruction does not change in this
state.
Update-IR State
The instruction shifted into the instruction regis-
ter is latched into the parallel output from the
shift-register path on the falling edge of J-TCK.
When the new instruction has been latched, it
becomes the current instruction.
Test data registers selected by the current in-
struction retain their previous value.
JTAG Application Examples
Figures 13 and 14 illustrate examples of updat-
ing the instruction and data registers during
JTAG operation.
CS61583
20
DS172PP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com