Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic CS61583 Datasheet HTML 41Page - Cirrus Logic CS61583 Datasheet HTML 42Page - Cirrus Logic CS61583 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
RCL K 1
RPOS1
RNEG1
TC LK 1
TP O S 1
TN E G 1
LO S 1
J-T D O
DG ND2
J-T D I
TT IP 1
TV + 1
T G ND1
TR IN G 1
CO DE R1
A TTE N 0
10
11
12
13
14
15
RCL K1
RP O S 1
RNEG1
TC L K 1
TP O S
TN E G
3
5
7
4
6
8
17
15
13
16
14
12
U2
U2
U2
U2
U2
U2
2
4
1
3
J7
R2 6
47 K
1
R6
470
D1
LE D
AIS1
1
R7
470
D2
LE D
LO S 1
VA +
2
2
VA +
3
3
Q1
Q2
J-T D O
VD +
J-T D I
C3
.1
µF
CODER1
A TTE N 0
16
17
18
19
20
21
22
23
24
25
C1
C2
.4 7
µF
VD+
VD+
2
6
1
5
3
T1
1
T
R
J8A
J3 1
J32
TTIP1
TR IN G 1
J9
2
6
1
5
3
T2
6
9
T
R
J8B
J3 3
J3 4
RT IP 1
RRING1
C4
R4
R3
C9
.1
µF
VC C
20
10
U2
1
19
GN D
U7
C S61583
CH ANNEL 1
J1
J2
J3
J4
J5
J6
R2 9
R3 0
R3 1
C2 6
C2 7
C2 8
C2 9
C3 0
C3 1
R5
R3 8
R3 9
L4
VA +
26 N/C-1
R8
R9
R2 4
R2 5
.4 7
µF
1.15:1
P E -65388
1.15 :1
P E -6538 8
TV + 1
N o te s : C o m pon ents R 3 , R 4 , and C 1 are s o c k eted to perm it v alue c hange s
to th e a p p lic a tio n .
C o m p o nent lo c a tions R 1 , R 2, R 8 , R 9 , R 24, R 25, an d D 10-D 13 prov ide
areas fo r ev a luatin g protec tion c irc u itry.
51.1
51.1
51.1
100p F
100 pF
10 0pF
1 00pF
100pF
10 0pF
(RDA T A 1 )
(B P V 1 )
(T D A T A 1 )
EN A
EN A
51.1
51.1
51 .1
4
R1
R2
D1 3
D1 2
D1 1
D1 0
Figure 1. Channel 1 Circuitry
CDB61583
DB172PP1
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com