Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 13Page - Cirrus Logic CS61583 Datasheet HTML 14Page - Cirrus Logic CS61583 Datasheet HTML 15Page - Cirrus Logic CS61583 Datasheet HTML 16Page - Cirrus Logic CS61583 Datasheet HTML 17Page - Cirrus Logic CS61583 Datasheet HTML 18Page - Cirrus Logic CS61583 Datasheet HTML 19Page - Cirrus Logic CS61583 Datasheet HTML 20Page - Cirrus Logic CS61583 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
JTAG Instructions and Instruction Register (IR)
The instruction register (2 bits) allows the in-
struction to be shifted into the JTAG circuit. The
instruction selects the test to be performed or the
data register to be accessed or both. The valid
instructions are shifted in LSB first and are listed
below:
IR CODE
INSTRUCTION
00
EXTEST
01
SAMPLE/PRELOAD
10
IDCODE
11
BYPASS
EXTEST Instruction: The EXTEST instruction
allows testing of off-chip circuitry and board-
level interconnect. EXTEST connects the BSR to
the J-TDI and J-TDO pins. The normal path be-
tween the CS61583 logic and I/O pins is broken.
The signals on the output pins are loaded from
the BSR and the signals on the input pins are
loaded into the BSR.
SAMPLE/PRELOAD Instruction: The SAM-
PLE/PRELOAD instructions allows scanning of
the boundary-scan register without interfering
with the operation of the CS61583. This instruc-
tion connects the BSR to the J-TDI and J-TDO
pins. The normal path between the CS61583
logic and its I/O pins is maintained. The signals
on the I/O pins are loaded into the BSR. Addi-
tionally, this instruction can be used to latch
values into the digital output pins.
IDCODE Instruction: The IDCODE instruction
connects the device identification register to the
J-TDO pin. The IDCODE instruction is forced
into the instruction register during the Test-
L o g i c- R ese t co nt r o l l e r st a t e. The defaul t
instruction is IDCODE after a device reset.
BYPASS Instruction: The BYPASS instruction
connects the minimum length bypass register be-
tween the J-TDI and J-TDO pins and allows data
to be shifted in the Shift-DR controller state.
Internal Testing Considerations
Note that the INTEST instruction is not sup-
ported because of the difficulty in performing
significant internal tests using JTAG.
The one test that could be easily performed us-
ing an arbitrary clock rate on TCLK and
REFCLK is a local loopback with jitter attenu-
ator disabled. However, this test provides limited
fault coverage and is only useful in determining
if the device had been catastrophically destroyed.
Alternatively, catastrophic destruction of the de-
vice and/or surrounding board traces can be
detected using EXTEST. Therefore, the INTEST
instruction provides limited testing capability
and was not included in the CS61583.
JTAG TAP Controller
Figure 12 shows the state diagram for the TAP
state machine. A description of each state fol-
lows. Note that the figure contains two main
branches to access either the data or instruction
registers. The value shown next to each state
transition in this figure is the value present at
J-TMS at each rising edge of J-TCK.
Test-Logic-Reset State
In this state, the test logic is disabled to continue
normal operation of the device. During initiali-
zation, the CS61583 initializes the instruction
register with the IDCODE instruction.
Regardless of the original state of the controller,
the controller enters the Test-Logic-Reset state
when the J-TMS input is held high for at least
five rising edges of J-TCK. The controller re-
mains in this state while J-TMS is high.
The
CS61583 processor automatically enters this
state at power-up.
Run-Test/Idle State
This is a controller state between scan opera-
tions. Once in this state, the controller remains
in the state as long as J-TMS is held low. The
CS61583
DS172PP5
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com