Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 30Page - Cirrus Logic CS61583 Datasheet HTML 31Page - Cirrus Logic CS61583 Datasheet HTML 32Page - Cirrus Logic CS61583 Datasheet HTML 33Page - Cirrus Logic CS61583 Datasheet HTML 34Page - Cirrus Logic CS61583 Datasheet HTML 35Page - Cirrus Logic CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Features
•• Socketed CS61583 Dual Line Interface
•• All Required Components for CS61583
Evaluation
•• Locations to Evaluate Protection Circuitry
•• LED Status Indications for Alarm
Conditions
•• Control of Enhanced Hardware Options
General Description
The evaluation board includes a socketed CS61583
dual line interface device and all support components
necessary for evaluation. The board is powered by
an external +5 Volt supply.
The board may be configured for 100
Ω twisted-pair
T1, 75
Ω coax E1, or 120Ω twisted-pair E1 operation.
Binding posts and bantam jacks are provided for line
interface connections. Several BNC connectors pro-
vide clock and data I/O at the system interface.
Reference timing may be derived from a crystal oscil-
lator or an external reference clock. Four LED
indicators monitor device alarm conditions.
ORDERING INFORMATION: CDB61583
DEC ’95
DB172PP1
34
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445 7581
Dual Line Interface Evaluation Board
CDB61583
Copyright
© Crystal Semiconductor Corporation 1995
(All Rights Reserved)
Oscillator
Circuit
TTIP1
TRING1
RTIP1
RRING1
TTIP2
TRING2
RTIP2
RRING2
}CHANNEL1
}CHANNEL2
+5V
0V
TCLK1
TPOS1
(TDATA1)
TNEG1
RCLK1
RPOS1
(RDATA1)
RNEG1
(BPV1)
{CHANNEL1
RESET
CIRCUIT
+5V
TCLK2
TPOS2
(TDATA2)
TNEG2
RCLK2
RPOS2
(RDATA2)
RNEG2
(BPV2)
CHANNEL 2
Hardware Control
and Mode Circuit
LED Status
Indicators
{
CS61583
REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com