Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic CS61583 Datasheet HTML 41Page - Cirrus Logic CS61583 Datasheet HTML 42Page - Cirrus Logic CS61583 Datasheet HTML 43Page - Cirrus Logic CS61583 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
2
4
6
8
10
12
14
16
18
20
22
24
26
U7
CS61584
CONTRO L CIRCUITR Y
1
2 4 T AOS2
2
2 3 T AOS1
3
2 2 L L OOP 2
4
2 1 L L OOP 1
52 0 R L O O P 1
61 9 C O D E R 1
71 8 C O D E R 2
81 7 A T T E N 0
91 6 A T T E N 1
10
15 C L K E
11
14 1XC L K
12
13
VD+
SW 2
U6
U6
U6
6
18
2
16
4
AT TE N 0
CL K E
1XC L K
C1 8
.0 1
µF
VD +
1
3
5
7
9
11
13
15
17
19
21
23
25
SD 0
J26
9
11
J-TD 0
J-TD 1
J-T M S
T-TCK
2
4
6
8
1
3
5
7
J5 6
47 k
1
2
3
4
5
6
RP 2
8
1
CO N 0 1
7
2
CO N 1 1
6
3
CO N 2 1
5
4
AM I1
VD +
SW 3
8
1
CON 0 2
7
2
CON 1 2
6
3
CON 2 2
5
4
AM I2
SW 4
2
3
4
5
6
1
RP 3
AM I2
U6
13
U6
C2 5
C3 9
R5 8
R5 7
C2 0
C2 3
C2 4
47 k
VD +
J2 4
R5 5
3.92k
51.1
R5 6
IN T
100 pF
100 pF
51.1
RP 4
8
47 k
100pF
51.1
100
pF
100pF
51.1
14
GND
R4 0
GN D
GN D
GND
RP5
47 k
76 543 2
8765 43 2
11
7
RL O O P2
RL OOP 2
CO DE R1
CO DE R2
N o te : T h e H ost inte rface at J26 is not used on the C D B 61583.
Figure 3. Control Circuitry
CDB61583
DB172PP1
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com