Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 15Page - Cirrus Logic CS61583 Datasheet HTML 16Page - Cirrus Logic CS61583 Datasheet HTML 17Page - Cirrus Logic CS61583 Datasheet HTML 18Page - Cirrus Logic CS61583 Datasheet HTML 19Page - Cirrus Logic CS61583 Datasheet HTML 20Page - Cirrus Logic CS61583 Datasheet HTML 21Page - Cirrus Logic CS61583 Datasheet HTML 22Page - Cirrus Logic CS61583 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
The test data register selected by the current in-
struction retains its previous value during this
state.
The instruction does not change in this
state.
Pause-DR State
The pause state allows the test controller to tem-
porarily halt the shifting of data through the test
data register in the serial path between J-TDI and
J-TDO. For example, this state could be used to
allow the tester to reload its pin memory from
disk during application of a long test sequence.
The test data register selected by the current in-
struction retains its previous value during this
state. The instruction does not change in this
state.
The controller remains in this state as long as
J-TMS is low.
When J-TMS goes high and a
rising edge is applied to J-TCK, the controller
moves to the Exit2-DR state.
Exit2-DR State
This is a temporary state. While in this state, if
J-TMS is held high, a rising edge applied to J-
T C K c au s es t h e c o n t rol ler to enter the
Update-DR state, which terminates the scanning
process. If J-TMS is held low and a rising edge
is applied to J-TCK, the controller enters the
Shift-DR state.
The test data register selected by the current in-
struction retains its previous value during this
state. The instruction does not change in this
state.
Update-DR State
The Boundary Scan Register is provided with a
latched parallel output to prevent changes while
data is shifted in response to the EXTEST and
SAMPLE/PRELOAD instructions.
When the
TAP controller is in this state and the Boundary
Scan Register is selected, data is latched into the
parallel output of this register from the shift-reg-
ister path on the falling edge of J-TCK.
The
data held at the latched parallel output changes
only in this state.
All shift-register stages in the test data register
selected by the current instruction retains their
previous value during this state. The instructions
does not change in this state.
Select-IR-Scan State
This is a temporary controller state.
The test
data register selected by the current instruction
retains its previous state. If J-TMS is held low
and a rising edge is applied to J-TCK when in
this state, the controller moves into the Capture-
IR state, and a scan sequence for the instruction
register is initiated. If J-TMS is held high and a
rising edge is applied to J-TCK, the controller
moves to the Test-Logic-Reset state.
The in-
struction does not change in this state.
Capture-IR State
In this controller state, the shift register con-
tained in the instruction register loads a fixed
value of "01" on the rising edge of J-TCK. This
supports fault-isolation of the board-level serial
test data path.
Data registers selected by the current instruction
retain their value during this state. The instruc-
tions does not change in this state.
When the controller is in this state and a rising
edge is applied to J-TCK, the controller enters
the Exit1-IR state if J-TMS is held high, or the
Shift-IR state if J-TMS is held low.
Shift-IR State
In this state, the shift register contained in the
instruction register is connected between J-TDI
and J-TDO and shifts data one stage towards its
serial output on each rising edge of J-TCK.
CS61583
DS172PP5
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com