Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 36Page - Cirrus Logic CS61583 Datasheet HTML 37Page - Cirrus Logic CS61583 Datasheet HTML 38Page - Cirrus Logic CS61583 Datasheet HTML 39Page - Cirrus Logic CS61583 Datasheet HTML 40Page - Cirrus Logic CS61583 Datasheet HTML 41Page - Cirrus Logic CS61583 Datasheet HTML 42Page - Cirrus Logic CS61583 Datasheet HTML 43Page - Cirrus Logic CS61583 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
RC L K 2
RP OS 2
RNE G2
TC L K 2
TP O S 2
TN EG 2
LO S 2
AMI2
J-T C K
J-T M S
TT IP 2
TV + 2
T G ND2
TR IN G 2
C O DE R2
CL K E
U7
C S 61583
C HANN EL 2
59
58
57
56
55
54
RC L K 2
RP OS 2
RNE G2
TC L K 2
TP O S 2
TN E G 2
9
7
5
6
4
2
11
13
15
14
16
18
U3
U3
U3
U3
U3
U3
R2 2
1
3
2
4
J1 3
R2 7
47K
1
R2 0
470
D3
LE D
AIS2
1
R2 1
470
D4
LE D
LO S 2
VA +
2
2
3
3
Q3
Q4
AM I2
VD +
J-T M S
C1 3
.1
µF
CO D E R2
CL K E
53
52
51
50
49
48
47
46
45
44
C1 2
C1 1
.4 7
µF
VD +
2
6
1
5
3
T4
6
9
T
R
J11B
J2 7
J2 8
TT IP 2
TR IN G 2
J12
2
6
1
5
3
T3
1
4
T
R
J11A
J2 9
J3 0
RT IP 2
RR IN G2
C1 0
.4 7
µF
R1 5
R1 4
C1 5
.1
µF
VC C
20
10
U3
1
19
GN D
J-T C K
10K
VA +
L2
N/C-3
60
R5 0
R5 1
C3 2
C3 3
C3 4
C3 5
C3 6
C3 7
R4 1
R4 2
R4 3
J1 6
J1 7
J18
J1 9
J20
J21
VA +
VD +
1:1.15
P E -65388
1:1.15
P E -65388
R16
R17
R1 2
R1 3
TV +1
C3 8
22
µF
EN A
EN A
1 00pF
51.1
(R D A T A 2 )
(B P V 2 )
(T D A T A 2 )
100pF
100pF
100pF
1 00pF
51 .1
51 .1
51 .1
51 .1
R2 8
51 .1
R1 8
R1 9
N otes : C om po nents R 14, R 15, an d C 12 a re sock eted to perm it value changes acc ordin g
to th e applic ation.
C om ponent loc ations R 12, R 13, R 16-R 1 9, and D 6-D 9 provide area s for ev aluatin g
p rotec tion circuitry.
10 0pF
D6
D7
D9
D8
Figure 2. Channel 2 Circuitry
CDB61583
40
DB172PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com