Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 24Page - Cirrus Logic CS61583 Datasheet HTML 25Page - Cirrus Logic CS61583 Datasheet HTML 26Page - Cirrus Logic CS61583 Datasheet HTML 27Page - Cirrus Logic CS61583 Datasheet HTML 28Page - Cirrus Logic CS61583 Datasheet HTML 29Page - Cirrus Logic CS61583 Datasheet HTML 30Page - Cirrus Logic CS61583 Datasheet HTML 31Page - Cirrus Logic CS61583 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LOS1, LOS2 : Loss of Signal (PLCC pins 16, 53; TQFP pins 7, 42)
The LOS indication goes high when 175
± 15 consecutive zeros are received on the line
interface. The LOS indication returns low when a minimum 12.5% ones density signal over
175
± 75 bit periods with no more than 100 consecutive zeros is received.
Test
J-TCK : JTAG Test Clock (PLCC pin 51; TQFP pin 40)
Data on pins J-TDI and J-TDO is valid on the rising edge of J-TCK. When J-TCK is stopped
low, all JTAG registers remain unchanged.
J-TMS : JTAG Test Mode Select (PLCC pin 50; TQFP pin 39)
An active high signal on J-TMS enables the JTAG serial port. This pin has an internal pull-up
resistor.
J-TDI : JTAG Test Data In (PLCC pin 19; TQFP pin 10)
JTAG data is shifted into the device on this pin. This pin has an internal pull-up resistor. Data
must be stable on the rising edge of J-TCK.
J-TDO : JTAG Test Data Out (PLCC pin 17; TQFP pin 8)
JTAG data is shifted out of the device on this pin. This pin is active only when JTAG testing is
in progress. J-TDO will be updated on the falling edge of J-TCK.
CS61583
28
DS172PP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com