Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 4 Page - Cirrus Logic

  CS61583 Datasheet HTML 1Page - Cirrus Logic CS61583 Datasheet HTML 2Page - Cirrus Logic CS61583 Datasheet HTML 3Page - Cirrus Logic CS61583 Datasheet HTML 4Page - Cirrus Logic CS61583 Datasheet HTML 5Page - Cirrus Logic CS61583 Datasheet HTML 6Page - Cirrus Logic CS61583 Datasheet HTML 7Page - Cirrus Logic CS61583 Datasheet HTML 8Page - Cirrus Logic CS61583 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
DIGITAL CHARACTERISTICS (TA = -40 to 85 °C; power supply pins within ±5% of nominal)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Note 7)
VIH
(DV+)-0.5
-
-
V
Low-Level Input Voltage
(Note 7)
VIL
--
0.5
V
High-Level Output Voltage
(Note 8)
(Digital pins)
IOUT = -40 µA
VOH
(DV+)-0.3
-
-
V
Low-Level Output Voltage
(Note 8)
(Digital pins)
IOUT = 1.6 mA
VOL
--
0.3
V
Input Leakage Current
(Digital pins except J-TMS, and J-TDI)
--
±10
µA
Notes:
7. Digital inputs are designed for CMOS logic levels.
8. Digital outputs are TTL compatible and drive CMOS levels into a CMOS load.
ANALOG SPECIFICATIONS (TA = -40 to 85 °C; power supply pins within ±5% of nominal)
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Differential Input Impedance
-
20k
-
Ω
Sensitivity Below DSX-1 (0 dB = 2.4 V)
-13.6
-
-
dB
Loss of Signal Threshold
-
0.3
-
V
Data Decision Threshold
T1, DSX-1
(Note 9)
(Note 10)
E1
(Note 11)
(Note 12)
60
55
45
40
65
-
50
-
70
75
55
60
% of
Peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter
10 Hz and below
(Note 13)
Tolerance (DSX-1, E1)
2 kHz
10 kHz - 100 kHz
300
6.0
0.4
-
-
-
-
-
-
UI
UI
UI
Receiver Return Loss
51 kHz - 102 kHz
(Notes 14,
102 kHz - 2.048 MHz
21, and 22)
2.048 MHz - 3.072 MHz
12
18
14
-
-
-
-
-
-
dB
dB
dB
Jitter Attenuator
Jitter Attenuation Curve
T1
(Notes 14 and 15)
Corner Frequency
E1
-
-
4
5.5
-
-
Hz
Hz
Attenuation at 10 kHz Jitter Frequency
(Notes 14 and 15)
-
60
-
dB
Attenuator Input Jitter Tolerance
(Note 14)
(Before Onset of FIFO Overflow or Underflow Protection)
28
43
-
UIpk-pk
Notes:
9. For input amplitude of 1.2 Vpk to 4.14 Vpk
10. For input amplitude of 0.5 Vpk to 1.2 Vpk, and 4.14 Vpk to 5.0 Vpk
11. For input amplitude of 1.07 Vpk to 4.14 Vpk,
12. For input amplitude of 4.14 Vpk to 5.0 Vpk,
13. Jitter tolerance increases at lower frequencies. Refer to the Receiver section.
14. Not production tested. Parameters guaranteed by design and characterization.
15. Attenuation measured with sinusoidal input jitter equal to 3/4 of measured jitter tolerance.
Circuit attenuates jitter at 20 dB/decade above the corner frequency. Output jitter
can increase significantly when more than 28 UI’s are input to the attenuator. Refer to the
Jitter Attenuator section.
CS61583
4
DS172PP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com