Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 10Page - Cirrus Logic CS61583 Datasheet HTML 11Page - Cirrus Logic CS61583 Datasheet HTML 12Page - Cirrus Logic CS61583 Datasheet HTML 13Page - Cirrus Logic CS61583 Datasheet HTML 14Page - Cirrus Logic CS61583 Datasheet HTML 15Page - Cirrus Logic CS61583 Datasheet HTML 16Page - Cirrus Logic CS61583 Datasheet HTML 17Page - Cirrus Logic CS61583 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Alarm Indication Signal
In coder mode, the TNEG pin becomes the
alarm indication signal (AIS) output controlled
by the receiver. The receiver detects the AIS
condition on observation of 99.9% ones density
in a 5.3 ms period (< 9 zeros in 8192 bits) and
sets the AIS pin high. The AIS condition is ex-
ited when
≥ 9 zeros are detected in 8192 bits.
Bipolar Violation Detection
In coder mode, the RNEG pin becomes the bipo-
lar violation (BPV) strobe output controlled by
the receiver. The BPV pin goes high for one
RCLK period when a bipolar violation is de-
tected in the received signal. Note that B8ZS or
HDB3 zero substitutions are not flagged as bipo-
lar violations when the decoder is enabled.
Loss of Signal
The loss of signal (LOS) indication is detected
by the receiver and reported when the LOS pin
is high. Loss of signal is indicated when 175
±15
consecutive zeros are received. The LOS condi-
t i o n i s e x i ted accordi ng to t h e ANSI
T1.231-1993 criteria that requires 12.5% ones
density over 175
±75 bit periods with no more
than 100 consecutive zeros. Note that bit errors
may occur at RPOS and RNEG (or RDATA)
prior to the LOS indication if the analog input
level falls below the receiver sensitivity.
The LOS pin is set high when the device is reset
or in powered up and returns low when data is
recovered by the receiver.
Transmit All Ones
Transmit all ones is selected by setting the
TAOS pin high. Selecting TAOS causes continu-
ous ones to be transmitted to the line interface
on TTIP and TRING at the frequency of
REFCLK. In this mode, the transmit data inputs
TPOS and TNEG (or TDATA) are ignored. A
TAOS overrides the data transmitted to the line
interface during local and remote loopbacks.
Local Loopback
A local loopback is selected by setting the
LLOOP pin high. Selecting LLOOP causes the
TCLK, TPOS, and TNEG (or TDATA) inputs to
be looped back through the jitter attenuator (if
enabled) to the RCLK, RPOS, and RNEG (or
RDATA) outputs. Data received at the line inter-
face is ignored, but data at TPOS and TNEG (or
TDATA) continues to be transmitted to the line
interface at TTIP and TRING.
A TAOS request overrides the data transmitted to
the line interface during local loopback. Note
that simultaneous selection of local and remote
loopback modes is not valid.
Remote Loopback
A remote loopback is selected by setting the
RLOOP pin high. Selecting RLOOP causes the
data received from the line interface at RTIP and
RRING to be looped back through the jitter at-
tenuator (if enabled) and retransmitted on TTIP
and TRING. Data transmitted at TPOS and
TNEG (or TDATA) is ignored, but data recov-
ered from RTIP and RRING continues to be
transmitted on RPOS and RNEG (or RDATA).
Remote loopback is functional if TCLK is ab-
sent. A TAOS request overrides the data
transmitted to the line interface during a remote
loopback. Note that simultaneous selection of lo-
cal and remote loopback modes is not valid.
Reset Pin
The CS61583 is continuously calibrated during
operation to insure the performance of the device
over power supply and temperature. The con-
tinuous calibration function eliminates the need
to reset the line interface during operation.
A device reset may be selected by setting the
RESET pin high for a minimum of 200 ns. The
reset function initiates on the falling edge of RE-
SET and takes less than 20 ms to complete. The
control logic is initialized and the transmit and
CS61583
14
DS172PP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com