Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61583 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS61583
Description  DUAL T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS61583 Datasheet HTML 25Page - Cirrus Logic CS61583 Datasheet HTML 26Page - Cirrus Logic CS61583 Datasheet HTML 27Page - Cirrus Logic CS61583 Datasheet HTML 28Page - Cirrus Logic CS61583 Datasheet HTML 29Page - Cirrus Logic CS61583 Datasheet HTML 30Page - Cirrus Logic CS61583 Datasheet HTML 31Page - Cirrus Logic CS61583 Datasheet HTML 32Page - Cirrus Logic CS61583 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
PHYSICAL DIMENSIONS
68 pin
PLCC
E
E
D
D
1
1
x
e
z
u
A
A1
y
B
E
MAX
MIN
MAX
MIN
MILLIMETERS
INCHES
DIM
A
5.08
4.20
.200
.165
D
D1
24.79
25.30
.976
.996
B
0.53
0.38
.021
.015
e
A
2.29
.090
1
24.13
24.38
.950
.960
1.27
.050
u
23.37
23.62
.920
.930
x
1.067
.042
E 1
y
z
.51
.020
.51 x 45° x 3
.02 x 45° x 3
3.30
.130
24.79
25.30
.976
.996
24.13
24.38
.950
.960
1.219
.048
68 pin PLCC
CS61583
DS172PP5
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com