Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 12Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 13Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 14Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 15Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 16Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
16
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
1.5 Signal Description
Following abbreviations are used in “Type” column of following pin description tables. Note that some I/O pins
with multiple signal definitions on the same pin may have different attribute in “Type” column for different signal
definition.
AB
Analog Bi-directional I/O
O5
Output, 3.3V with 5V tolerant
AI
Analog Input
PU
Internal Pull-Up (75K)
AO
Analog Output
PD
Internal Pull-Down (75K)
B3
Bi-directional I/O, 3.3V
P
Power and ground pin
B5
Bi-directional I/O, 3.3V with 5V tolerant
S
Schmitt Trigger
I3
Input, 3.3V
T
Tri-state
I5
Input, 3.3V with 5V tolerant
4m
4mA driving strength
O3
Output, 3.3V
8m
8mA driving strength
For example, pin 12 in AX68004 package can be P00 or RXD0. If P00 is selected, its Type is B5/4m/PU; if RXD1
is selected, its Type is I5. In other words, the PU (internal pull-up) only takes effect in P00 signal mode while
RXD1 signal mode doesn’t. User should refer to the table specific to desired function for exact pin type definition.
The multi-function pin settings are configured by Hardware Configuration (HWCFG) in Flash Information Page
Memory. The following abbreviations are used in pin description tables.
Table 1-1: Chip Clock and Reset Pin Description
Chip Clock and Reset
Pin Name
Type
Pin No
Pin Description
64
100
XIN
AI
58
89
12MHz crystal input or oscillator clock input.
This clock is always required for the USB functions and, in most
cases, used as clock reference to the internal 96MHz PLL which
generates 96MHz as main operating system clock.
The recommended reference frequency is 12MHz +/-50ppm, 45 ~
55% clock duty cycle. Note that this input pin is 3.3V tolerant.
XOUT
AB
57
88
12MHz crystal output.
RST_N
I5/PU/S 43
66
Chip Reset input, active low.
RST_N is the hardware reset input used to reset this chip. This input is
AND with internal Power-On-Reset (POR) circuit, which generates the
main system reset for this chip.
SYSCK_SEL
I5/PU
29
47
Operating SYStem ClocK frequency SELection input:
0: Select 48MHz operating system clock, please tie to logic low.
1: Select 96MHz operating system clock, please tie to logic high or
NC.
TEST_MODE
I5/PD
30
48
Test Mode enable. For normal operation, please always tie to logic low
or NC.
VDDA_PLL
P
55
86
Analog Power for internal 96MHz PLL, 1.8V.
VSSA_PLL
P
56
87
Analog Ground for internal 96MHz PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com