Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 29Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 30Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 31Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 32Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 33Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 34Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 35Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 36Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
33
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Multi-function Pin Setting 1 (0x02)
Bit
7
6
5
4
3
2
1
0
Name
I2C_U1_P
SEL
I2C_U0_P
SEL
MP3_74_P
SEL
MP3_30_P
SEL
MP2_76_
PSEL
MP2_54_
PSEL
MP2_31_P
SEL
MP2_0_PS
EL
Reset Value
0
0
0
0
0
0
0
0
Bit
Name
Description
0
MP2_0_
PSEL
CPU GPIO Port 2, Bit 0 Pin Select.
This selects the desired pin function of below multi-function pins (port 2 or MSS1).
QFN
Pin #
LQFP
Pin #
MP2_0_PSEL
= 0
= 1
23
38
P20
MSS1
1
MP2_31_
PSEL
CPU GPIO Port 2, Bit 3 ~ 1 Pin Select.
This selects the desired pin function of below multi-function pins (port 2 or DOCD).
QFN
Pin #
LQFP
Pin #
MP2_31_PSEL
= 0
= 1
36
57
P21
DB_DI
20
33
P22
DB_CKO
19
31
P23
DB_DO
2
MP2_54_
PSEL
CPU GPIO Port 2, Bit 5 ~ 4 Pin Select.
This selects the desired pin function of below multi-function pins (port 2 or HSUART).
QFN
Pin #
LQFP
Pin #
MP2_54_PSEL
= 0
= 1
17
28
P24
CTS1
16
25
P25
DSR1
3
MP2_76_
PSEL
CPU GPIO Port 2, Bit 7 ~ 6 Pin Select.
This selects the desired pin function of below multi-function pins (port 2 or HSUART).
QFN
Pin #
LQFP
Pin #
MP2_76_PSEL
= 0
= 1
15
23
P26
RI1
14
22
P27
DCD1
4
MP3_30_
PSEL
CPU GPIO Port 3, Bit 3 ~ 0 Pin Select.
This selects the desired pin function of below multi-function pins (port 3 or SPI Slave).
QFN
Pin #
LQFP
Pin #
MP3_30_PSEL
= 0
= 1
--
36
P30
SSS
--
34
P31
SSCLK
--
32
P32
SMOSI
--
29
P33
SMISO
5
MP3_74_
PSEL
CPU GPIO Port 3, Bit 7 ~ 4 Pin Select.
This selects the desired pin function of below multi-function pins (port 3 or PS/2).
QFN
Pin #
LQFP
Pin #
MP3_74_PSEL
= 0
= 1
--
27
P34
PS2A_CK
--
26
P35
PS2A_D
--
24
P36
PS2B_CK
--
21
P37
PS2B_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com