Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 51 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 51 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 47Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 48Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 49Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 50Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 51Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 52Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 53Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 54Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 55Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
51
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.5.6 PS/2 Interface Timing
4.5.6.1 PS2 Host Receiving Data Timing
Symbol
Description
Min
Typ
Max
Units
TSU_S
Time from Data transition to falling edge of CLK
5
15
25
us
TOD
Time from rising edge of CLK to Data transition
5
15
TCH-5
us
TCL
Duration of CLK low (inactive)
30
40
50
us
TCH
Duration of CLK high (active)
30
40
50
us
TSU_S
Time from Data transition to falling edge of CLK
5
15
25
us
Figure 4-8: PS2 Host Receiving Data Timing Diagram and Table
4.5.6.2 Host Sending Data Timing
Symbol
Description
Min
Typ
Max
Units
TINH
Host bring CLK low to inhibit I/O (request to send)
(TINH
8 -
1) * 10
us
TCL
Duration of CLK low (inactive)
30
40
50
us
TCH
Duration of CLK high (active)
30
40
50
us
THLD
Time from low to high CLK transition when Device
samples Data
5
15
25
us
TSU_A
Time from falling edge of Data to falling edge of CLK
30
40
50
us
TDT
Time from rising edge of CLK11 to rising edge of Ack Bit -
-
50
8: The TINH is the Inhibit timing register.
Figure 4-9: PS2 Host Sending Data Timing Diagram and Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com