Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 26Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 27Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 28Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 29Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 30Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 31Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 32Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 33Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
3.0 Memory Map Description
3.1 Hardware Configuration with Flash information Memory Map
The Hardware Configuration in flash information page is used to store the chip hardware settings for the
multi-function pin related settings.
The Hardware Configuration settings are from 0x000 ~ 0x00F in flash information page. It will be loaded into the
chip by the Program Loader after chip power on reset.
The Software Configuration settings are from 0x010 in same information page. It is reserved for the Firmware
used. Normally software will store some important parameters like vender ID, product ID and so on … in this field
and will be used by the CPU Driver during initialization.
Below table shows the Hardware Configuration (HWCFG) memory map.
Table 3-1: Hardware Configuration Flash Information Memory Map
Offset
Description
0x000
Flag
0x003 ~ 0x001
Multi-function Pin Setting 2 ~ 0 (3 Bytes, 0: LSB)
0x004
Programmable USB Pull Disable
0x005
Reserved
0x00F ~ 0x006
Reserved for Hardware future use
0x2FF ~ 0x010
Reserved for Software Configuration settings
0x3FF ~ 0x300
Reserved for Flash manufacturing use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com