Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX68004LF Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 24Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 25Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
22
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-14: PS2 Pin Description
PS2 Interface
Pin Name
Type
Pin No
Pin Description
64
100
PS2A_CK B5/T/4m -
27
PS2 controller A ClocK line
(18).
PS2A_CK is a tri-stateable output, which requires an external pull-up
resistor.
PS2A_D
B5/T/4m -
26
PS2 controller A Data line
(18).
PS2A_D is a tri-stateable output, which requires an external pull-up resistor.
PS2B_CK B5/T/4m -
24
PS2 controller B ClocK line
(18).
PS2B_CK is a tri-stateable output, which requires an external pull-up
resistor.
PS2B_D
B5/T/4m -
21
PS2 controller B Data line
(18).
PS2B_D is a tri-stateable output, which requires an external pull-up resistor.
Note 18: To enable these multi-function pins, please set MP3_74_PSEL = 1 in HWCFG offset 0x002.
Table 1-15: Power, Ground Pin Description
Power, Ground
Pin Name
Type
Pin No
Pin Description
64
100
VDDIO
P
8, 22, 37,
62
11, 37,
58, 94
Digital Power for I/O pins, 3.3V.
Please add a 0.1uF bypass capacitor between each VCCIO and
GND.
VDDK
P
3, 12, 18,
27, 33,
44, 59
5, 19, 30,
44, 51,
67, 90
Digital Power for core, 1.8V.
Please add a 0.1uF bypass capacitor between each VCCK and
GND.
VSS
P
24
13, 61, 96 Digital Ground for core and I/O pins.
VDD_FLASH P
31
49
Power for flash memory pin, 1.8V.
VSS_FLASH P
32
50
Ground for flash memory pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com